Part Number Hot Search : 
8QY4VDWE MR751FR 1212S LB1831M AD632TD MBT44 WP1503EC XN111H
Product Description
Full Text Search
 

To Download 10001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2609 bartram road ? bristol, pa 19007-6810 usa tel 215-781-9956 ? fax 215-781-9845 www.arieselec.com ? info@arieselec.com 10001 rev. 1.7 1 of 1 all dimensions: inches [millimeters] all tolerances: 0.005 [0.13] unless otherwise specified for test socket receptacles, see data sheet 10003 do not use this socket in a burn-in oven with contacts in open position, as it will damage the socket consult factory for other sizes and configurations customization: aries specializes in custom design and production. special materials, platings, sizes, and configurations can be furnished, depending on quantity. aries reserves the right to change product general specifications without notice printouts of this document may be out-of-date and should be considered uncontrolled features ? accepts devices on 0.300 to 0.600 [7.62 to 15.24] centers ? all pin count sockets go into pcb with either 0.300 or 0.600 [7.62 or 15.24] centers ? contacts normally-closed to eliminate dependence on plastic to sustain contact integrity ? socket handle configured with closed contacts (on) when in the up or down position, and mounted on the right- or left-hand side ? sockets may be soldered into pcbs or plugged into any socket or receptacle general specifications ? socket body : black ul 94v-0 glass-filled polyphenylene sulfide (pps) ? handle : stainless steel ? handle knob : brass 360, 1/2-hard ? contacts : becu 172 per qq-c-533 CorC spinodal alloy ? contact plating : 50 [1.27] min. ni under-plate per qq-n-290, over-plated with either 200 [5.08] min. matte sn per astm b545-97 CorC 50 [1.27m] nib ? contact current rating : 1 amp ? insulation resistance : 1000 m min. ? dielectric withstanding voltage : 1000 vac ? life cycle : 25,000 to 50,000 cycles ? operating temperature : 221f [105c] sn plating; 302f [150c] au plating; 392f [200c] nib plating ? retention force (closed): 55g/pin based on a 0.020 [0.51] dia. test lead ? accepts leads : 0.015-0.045 [0.38-1.14] wide, 0.110-0.280 [2.79-7.11] long mounting considerations ? see socket footprint series 55 universal zero-insertion-force dip test socket ordering information xx - x 55 x - x x plating 0 = sn over ni 0tl = sn/pb over ni 1 = au over ni 6 = nib (spinodal only) termination 1 = solder pin tail handle options 1 = left up is closed 2 = right up is closed 3 = left down is closed 4 = right down is closed (std) row-to-row spacing (btm) 3 = 0.300 [7.62] 6 = 0.600 [15.24] no. of pins 24, 28, 32, 36, 40, 42, 44, 48


▲Up To Search▲   

 
Price & Availability of 10001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X